công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3150 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện AN3150
Giải thích chi tiết về linh kiện  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 5Page - STMicroelectronics AN3150 Datasheet HTML 6Page - STMicroelectronics AN3150 Datasheet HTML 7Page - STMicroelectronics AN3150 Datasheet HTML 8Page - STMicroelectronics AN3150 Datasheet HTML 9Page - STMicroelectronics AN3150 Datasheet HTML 10Page - STMicroelectronics AN3150 Datasheet HTML 11Page - STMicroelectronics AN3150 Datasheet HTML 12Page - STMicroelectronics AN3150 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID17048 Rev 3
9/25
AN3150
Capacitive system ground
24
3
Capacitive system ground
Having a battery supplied portable system versus a wire-grounded system affects the
sensitivity of the sensor. This is illustrated in Figure 3 which shows the difference in
detection range between grounded and ungrounded proximity sensors. Three different
electrode designs are considered (see Section 4: Proximity sensing electrode design for
more details).
Figure 3. Detection range comparison between portable and grounded system
(test performed on STM8T141)
3.1
Connected applications
From a capacitive sensing point of view, connected applications form two groups.
Group one consists of applications where the ground is directly connected to earth. With this
kind of connection, the CF capacitor is shorted, and therefore has no impact on the
touch/proximity sensor sensitivity. This is the best case scenario, but mostly reserved to
some home appliances and white goods applications.
Group two consists of plugged applications with no earth connection. In this case the CF
capacitance is a combination of several capacitances as shown in Figure 4. This group
includes most consumer products, for example USB powered devices.
The big advantage of the connected applications is the stability of the CF capacitor. Since
the value is fixed, it cannot be misinterpreted as a touch or device proximity.
ai17447V2
Portable system
Grounded system
gnd
shield
none
0.5
0
1.5
2.5
3.5
4.5
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com