công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3150 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện AN3150
Giải thích chi tiết về linh kiện  Guidelines to optimize proximity detection with STM8T141 and STM8T143 capacitive sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3150 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button AN3150 Datasheet HTML 12Page - STMicroelectronics AN3150 Datasheet HTML 13Page - STMicroelectronics AN3150 Datasheet HTML 14Page - STMicroelectronics AN3150 Datasheet HTML 15Page - STMicroelectronics AN3150 Datasheet HTML 16Page - STMicroelectronics AN3150 Datasheet HTML 17Page - STMicroelectronics AN3150 Datasheet HTML 18Page - STMicroelectronics AN3150 Datasheet HTML 19Page - STMicroelectronics AN3150 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Proximity sensing electrode design
AN3150
16/25
DocID17048 Rev 3
Figure 8. Detection range versus electrode shape
The loop electrode offers a lower sensitivity than plain or spiral electrodes. Considering the
ratio copper surface versus detection distance, the loop electrode provides a higher relative
sensitivity. The CX capacitance is smaller, therefore the acquisition gain (CS/CX) is higher.
4.1.3
Influence of ground
This test is useful because in most of the applications, one or more GND planes can be
found around the sensing electrode. (Figure 9) shows the influence of a GND plane placed
on the back side of electrode 4, 5 and 6 of (Figure 6).
Figure 9. Detection range versus GND plane
The parasitic capacitance (CX), created between the electrode and the ground, determines
the sensitivity of the proximity detector. If the ground plane is too close to the electrode, it
reduces significantly the detection distance.
The designer can also take advantage of a GND plane to obtain detection directivity. This
GND field plane is also called “passive shield”.
Please refer to AN 3230 and 4010 for practical applications of passive shield.
4.2
Proximity detection range versus electrode size
The objective of this test is to measure the influence of a ground plane on the back side of
the sensing electrode, more accurately than in Chapter 4.1.3. This simulates some real
case where sometimes the GND is very close to sensing electrode.
ai17448V2
Full
Loop
Spiral
25 mm2
100 mm2
400 mm2
3.5
3
2.5
2
1.5
1
0.5
0
ai17449V2
Gnd
None
25 mm2
100 mm2
400 mm2
3.5
3
2.5
2
1.5
1
0.5
0
4
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com