| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3114 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3114 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 43 page ![]() AN3114 LCD segment drive firmware Doc ID 16829 Rev 3 37/43 5 LCD segment drive firmware To facilitate the development of customer applications, ST provides a firmware to drive the LCD segments. This firmware runs on the STM8L1526-EVAL and STM8L1528-EVAL evaluation boards, which provide all the hardware features to interface with an LCD glass. ● STM8L1528-EVAL set-up – Make sure that the LCD glass daughterboard (MB905) is mounted in LCD position. ● STM8L1526-EVAL set-up – JP7 jumper on the Key position – Make sure that the LCD glass daughterboard (MB821) is mounted in LCD position. For more details, please refer to the evaluation board user manuals. 5.1 Firmware package description The LCD segment drive firmware package contains both projects, one running on STM8L1528-EVAL and the other on STM8L1526-EVAL, and each project provides the LCD glass library and the firmware described in this section. The firmware package contains the following directories (see Figure 26): ● Libraries directory ● Project directory ● Utilities directory Figure 26. LCD segment drive firmware structure |