| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3114 bảng dữ liệu(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3114 bảng dữ liệu(HTML) 24 Page - STMicroelectronics |
|
24 / 43 page ![]() Displaying alphanumeric characters on the LCD glass AN3114 24/43 Doc ID 16829 Rev 3 Figure 14. LCD segments used on the STM8L1526-EVAL Note: Only the black alphanumeric characters are used by this application note firmware to display the time. The red alphanumeric (position 6) is connected on the evaluation board STM8L1526-EVAL but not used, and the white alphanumeric is not connected. Figure 15. Reference letters for an alphanumeric character on the PD-878 |