| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPD703003A bảng dữ liệu(PDF) 37 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD703003A bảng dữ liệu(HTML) 37 Page - NEC |
|
37 / 40 page ![]() 37 µPD703003A, 703004A, 703025A Data Sheet U13188EJ4V0DS00 Package peak temperature: 235 °C, Time: 30 seconds max. (at 210°C or higher), Count: Two times or less, Exposure limit: 7 daysNote (after that, prebake at 125 °C for 10 hours) Package peak temperature: 215 °C, Time: 40 seconds max. (at 200°C or higher), Count: Two times or less, Exposure limit: 7 daysNote (after that, prebake at 125 °C for 10 hours) Pin temperature: 300 °C max., Time 3 seconds max. (per pin row) 5. RECOMMENDED SOLDERING CONDITIONS The µPD703003A, 703004A, and 703025A should be soldered and mounted under the following recommended conditions. For the details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting Technology Manual (C10535E). For soldering methods and conditions other than those recommended below, contact your NEC sales represen- tatives. Table 5-1. Soldering Conditions µPD703003AGC-25-xxx-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14 mm) µPD703003AGC-33-xxx-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14 mm) µPD703004AGC-25-xxx-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14 mm) µPD703004AGC-33-xxx-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14 mm) µPD703025AGC-25-xxx-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14 mm) µPD703025AGC-33-xxx-8EU: 100-pin plastic LQFP (fine pitch) (14 × 14 mm) Soldering Method Soldering Conditions Recommended Condition Symbol Infrared reflow IR35-107-2 VPS VP15-107-2 Partial heating — Note After opening a dry pack, store it at 25 °C or less and 65% RH or less for the allowable storage period. Caution Do not use different soldering methods together (except for partial heating). |