| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2859 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2859 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 29 page ![]() Multiplexed diagnostics AN2859 4/29 DocID15255 Rev 2 1.2 Failure mode detection of two AC switches Figure 3 to Figure 12 give the VSTATE signal level according to the state of each AC switch. V0, V1, V2 and V3 are levels reached by the parameter VSTATE and depends on R1, R2, R3, and R4 resitor values.Table 1 shows that we only need four different levels to define the state of each AC switch. Figure 3. Case 1: VSTATE = V3 (except at each zero crossing of the AC line) Figure 4. Case 2: VSTATE = V0 VCC VCC R1 R2 R3 R4 V STATE V3 V2 V1 V0 VSTATE STCC082 V AVF2 V AVF1 AVF AVF V AC I Load_1 V AC I Load_2 AC AC STCC081 VCC/COM RAC VCC/COM ACS2 ACS1 Load1 Line Load2 Line I Load_2 I Load_1 RShunt RAC RShunt IN2 IN1 G G VAC VAC ACS1 and ACS2 are not in conducting state V2 V1 V0 I Load_1 I Load_2 VCC VCC R1 R2 R3 R4 V STATE V AVF2 V AVF1 AVF AVF AC AC VCC/COM RAC VCC/COM ACS2 ACS1 Load1 Line Load2 Line I Load_2 I Load_1 RShunt RAC RShunt V AC V AC VSTATE STCC08 2 STCC08 1 V3 IN2 IN1 G G V AC V AC ACS1 and ACS2 are in conducting state |