| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2859 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2859 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 29 page ![]() Detection windows digital value setting AN2859 16/29 DocID15255 Rev 2 Equation 21 ASC1 is on and ACS2 is off. Equation 22 ASC1 is off and ACS2 is on. Equation 23 ASC1 is off and ACS2 is on. Equation 24 ASC1 is off and ACS2 is off. ⎪ ⎪ ⎪ ⎪ ⎪ ⎪ ⎩ ⎪⎪ ⎪ ⎪ ⎪ ⎪ ⎨ ⎧ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + ⎥ ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎢ ⎣ ⎡ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + = ⇒ ⎥ ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎢ ⎣ ⎡ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + = ⇒ R_Max 4 2 1 R_Min N CC_Max 2 1 AVF_L_Min 4 1_Min N 4 2 1 CC 2 1 AVF_L CC 4 1 X · R R R X · 2 · V R R · V R N 2 · R R R · V R R · V V · R N () ⎪ ⎪ ⎪ ⎪ ⎪ ⎪ ⎩ ⎪⎪ ⎪ ⎪ ⎪ ⎪ ⎨ ⎧ ⎥ ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎢ ⎣ ⎡ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + = ⇒ ⎥ ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎢ ⎣ ⎡ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + = ⇒ + + R_Min 4 3 2 R_Max N CC_Min 4 3 AVF_L_Max 2 2_Max N 4 3 2 CC 4 3 AVF_L CC 2 2 X · R R R X · 2 · V R R · V R N 2 · R R R · V R R · V V · R N ⎪ ⎪ ⎪ ⎪ ⎪ ⎪ ⎩ ⎪⎪ ⎪ ⎪ ⎪ ⎪ ⎨ ⎧ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + ⎥ ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎢ ⎣ ⎡ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + = ⇒ ⎥ ⎥ ⎥ ⎥ ⎦ ⎤ ⎢ ⎢ ⎢ ⎢ ⎣ ⎡ ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + ⎟ ⎠ ⎞ ⎜ ⎝ ⎛ + + = ⇒ R_Max 4 3 2 R_Min N CC_Max 4 3 AVF_L_Min 2 1_Min N 4 3 2 CC 4 3 AVF_L CC 2 2 X · R R R X · 2 · V R R · V R N 2 · R R R · V R R · V V · R N 2_Max 3_Min 3_Max N N N > = |