| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2476 bảng dữ liệu(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2476 bảng dữ liệu(HTML) 47 Page - STMicroelectronics |
|
47 / 49 page ![]() AN2476 Conclusion 47/49 4 Conclusion Before choosing clock and regulator configuration it is important to verify the application requirements not only for the consumption but also in terms of the wake-up time, the peripheral availibilty and whether the RAM contents need to be preserved until wake-up. For example, in STOP mode the SRAM content is preserved, however in Standby mode, SRAM content is lost. There are therefore compromises to be made between firstly the wake-up time and the consumption, and secondly the preservation of the SRAM contents and the peripheral availability. For example, the measured mode STOP_FLASH_PLL_Off shown in Table 14 on page 45 uses roughly double the power consumption as the STOP_OSC4M_Off mode, however it is able to react faster by having a much reduced wake-up time. |