| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2476 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2476 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 49 page ![]() STR750 library low power mode functions AN2476 28/49 MRCC_HCLK To configure the AHB clock, use one of the following values: Example: /* Configure HCLK such as HCLK = CK_SYS */ MRCC_HCLKConfig(MRCC_CKSYS_Div1); 2.3 MRCC_CKTIMConfig MRCC_CKTIM To configure the TIM clock, use one of the following values: Example: /* Configure CKTIM such as CKTIM = HCLK/2 */ MRCC_CKTIMConfig(MRCC_HCLK_Div2); MRCC_HCLK Meaning MRCC_CKSYS_Div1 AHB clock = CK_SYS MRCC_CKSYS_Div2 AHB clock = CK_SYS/2 MRCC_CKSYS_Div4 AHB clock = CK_SYS/4 MRCC_CKSYS_Div8 AHB clock = CK_SYS/8 Function Name MRCC_CKTIMConfig Function Prototype void MRCC_CKTIMConfig(u32 MRCC_CKTIM) Behavior Description Configures the TIM clock (CK_TIM). Input Parameter MRCC_CKTIM: defines the TIM clock. This clock is derived from the AHB clock(HCLK). Refer to section “MRCC_CKTIM” for more details on the allowed values of this parameter. Output Parameter None Return Parameter None Required preconditions None Called functions None MRCC_CKTIM Meaning MRCC_HCLK_Div1 TIM clock = HCLK MRCC_HCLK_Div2 TIM clock = HCLK/2 MRCC_HCLK_Div4 TIM clock = HCLK/4 MRCC_HCLK_Div8 TIM clock = HCLK/8 |