| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2284 bảng dữ liệu(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2284 bảng dữ liệu(HTML) 38 Page - STMicroelectronics |
|
38 / 40 page ![]() 10 SC Reader Example AN2284 38/40 PwdFile will be created with PIN1 enabled for read and write access: SC_Handler (SC_CREATE_FILE, (u8 *) PwdFile, 40, SC_PIN1_W | SC_PIN1_R, NULL_PARAM, &SC_state, &u16_status, response); If the user verifies PIN1 for read/write operations, PwdFile can be accessed. When the user tries to verify a PIN, the related Pwd has to be specified. In this example the following 8byte password is associated with PIN1: Pwd={"1", "1", "1", "1", "1", "1", "1", "1"} SC_Handler (SC_VERIFY, (u8 *) Pwd, PWD_LENGHT, NULL_PARAM,SC_VERIFY_PIN1, &SC_state, &u16_status, response); After that he can be selected: SC_Handler (SC_SELECT_FILE, (u8 *) PwdFile, NULL_PARAM, NULL_PARAM,NULL_PARAM, &SC_state, &u16_status, response); |