| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2284 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2284 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 40 page ![]() 8 SC Reader Lib: Description AN2284 30/40 Figure 10. State Machine for Smart Card Operation 8.1.3 CmdStatus CmdStatus retrieves the smart card status response related to the selected ADPU command according the ISO7816 standard. Possible card answers: - SC_EF_SELECTED - SC_DF_SELECTED - SC_OP_TERMINATED - SC_DF_EXISTENT - SC_EF_NOT_SELECTED - SC_ID_NOT_FOUND - SC_MEMORY_PROBLEM - SC_WRONG_HEADER - SC_WRONG_P1_P2 - SC_WRONG_LC_LE 8.2 How to Send ADPU Commands to SC A detailed description on how to use the SC_Handler( ) function to send the ADPU command to SC and retrieve the card response is found below. Power off Power on Reset low Active Active on T0 Reset high User force power on ATR received with RST=0 No ATR received No ATR received ATR received with RST=1 T0 protocol |