| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2284 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2284 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 40 page ![]() AN2284 8 SC Reader Lib: Description 33/40 - u16_status - It returns the smart card status response to SC_CREATE_FILE command 8.2.6 SC_UPDATE_BINARY ● SC_Handler (SC_UPDATE_BINARY, FileUpdate, ByteNumber, Offset_high, Offset_low, &SC_state, &u16_status, pvoid ) ● Input - FileUpdate Pointer to the array of byte to write - ByteNumber It contains size area (in byte) to read (valid only for EF). - Offset_high, Offset_low It contains the 16 bits offset where writing begins ● Output: - SC_state It returns the current smart card state - u16_status It returns the smart card status response to SC_UPDATE_BINARY command 8.2.7 SC_VERIFY ● SC_Handler (SC_VERIFY, Password, PWD_LENGHT, NULL_PARAM, SC_VERIFY_PINX, &SC_state, &u16_status, pvoid ) ● Input - Password Pointer to the 8 byte array containing the pin to verify - PWD_LENGHT It contains a constant fixed to 8. - SC_VERIFY_PINX It indicates the PIN to verify (X=1…4). ● Output - SC_state It returns the current smart card state - u16_status It returns the smart card status response to SC_UPDATE_BINARY command. |