công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD6466GS bảng dữ liệu(PDF) 15 Page - NEC

tên linh kiện UPD6466GS
Giải thích chi tiết về linh kiện  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD6466GS bảng dữ liệu(HTML) 15 Page - NEC

Back Button UPD6466GS Datasheet HTML 11Page - NEC UPD6466GS Datasheet HTML 12Page - NEC UPD6466GS Datasheet HTML 13Page - NEC UPD6466GS Datasheet HTML 14Page - NEC UPD6466GS Datasheet HTML 15Page - NEC UPD6466GS Datasheet HTML 16Page - NEC UPD6466GS Datasheet HTML 17Page - NEC UPD6466GS Datasheet HTML 18Page - NEC UPD6466GS Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
15
µPD6466
1.3.1 Character signal output with output select option A
Option A
Whether a signal is output to the character signal output pin VC1 in row units can be specified by the OD0 bit
that selects an output pin. The VC2 output can be specified in character units, and the VC1 outputs only characters
for which the VC2 in the rows for which the OD0 bit is set to 1. The character specified by VC2 is not output to
the RGB and VC1 output.
Display example (to use VC2 channel for information for recording)
REC
TAPE
BATT
1/1000
0000
AM 11:30
1991. 2.22
YOKOHAMA
BAY BRIDGE
Displayed information such as alarm and tape counter
Recording information such as date and title
Example of view finder display
(RGB and VC2 output)
Output example
REC
TAPE
BATT
1/1000
0000
RGB character output
(color character)
Character output of VC2 channel
(specified row, character specified by VC2)
AM 11:30
1991. 2.22
YOKOHAMA
BAY BRIDGE
REC
TAPE
BATT
1/1000
0000
Character output of VC1 channel
(specified row)
• Character information on the row
specified by clearing the OD0 bit to 0 is
output from VC1. However, the
characterspecified by VC2 is not output.
• The row specified by setting the OD0
bit to 1 is not output (fixed to low level).
• The row specified by clearing the OD0
bit to 0 is not output (fixed to low level).
• Only the character information specified
by VC2 on the row specified by setting
the OD0 bit to 1 is output from VC2.
• The character specified to VC2 is not
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70