công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD6466GS bảng dữ liệu(PDF) 29 Page - NEC

tên linh kiện UPD6466GS
Giải thích chi tiết về linh kiện  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD6466GS bảng dữ liệu(HTML) 29 Page - NEC

Back Button UPD6466GS Datasheet HTML 25Page - NEC UPD6466GS Datasheet HTML 26Page - NEC UPD6466GS Datasheet HTML 27Page - NEC UPD6466GS Datasheet HTML 28Page - NEC UPD6466GS Datasheet HTML 29Page - NEC UPD6466GS Datasheet HTML 30Page - NEC UPD6466GS Datasheet HTML 31Page - NEC UPD6466GS Datasheet HTML 32Page - NEC UPD6466GS Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
29
µPD6466
The character color/background color (with blank background or filled background) can be selected from eight
types in the case of RGB output when reversing character color is specified to be OFF.
In the case of VC1 and VC2, the character color is white and the background color is black.
The Display Off Data is not affected even when inverted.
If Blank Data is reversed, it is filled with the character color originally specified.
The character color and the color of the framing in the above figure are valid with the RGB.
Only black and white are displayed in the case of VC1 and VC2.
In the case of VC1 and VC2, framing in the character color reverse area is invalid (same as the
µPD6461 and
6462).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70