| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN1709 bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1709 bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 38 page ![]() 36/38 EMC DESIGN GUIDE FOR ST MICROCONTROLLERS Equipment and tools: Use Ionized air blowers to neutralize static charges of non-conductive materials. Use only the grounded tip variety of soldering iron. Use proper power supply systems in testing and application. Supply voltage should be applied before and removed after input signals. Insertion and removal of components from sockets should be carried out with no power ap- plied. An open (floating) pin is a potential hazard to the circuit. Each “Non Connected” pin should be grounded or connected to VDD through a resistor whenever possible. 4.3 FIRMWARE This part is Treated by a dedicated Application Note (AN1015) available on ST Website. 4.4 WEB LINKS TO EMC RELATED ORGANISATIONS FCC: Federal Communication Commission http://www.fcc.gov EIA: Electronic Industries Alliance http://www.eia.org/ SAE: Society of Automotive Engineers http://www.sae.org IEC: The International Electrotechnical Commission http://wwwiec.ch CENELEC: European Committee for Electrotechnical Standardisation http://ww.cenelec.be JEDEC: Joint Electron Device Engineering Council http://www.jedec.org |