| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN413 bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN413 bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 45 page ![]() Examples of timer 0 configurations AN413 30/45 Doc ID 1875 Rev 2 Appendix C Examples of timer 0 configurations ;*********************** ;*DEFINE TIMER 0 MACROS* ;*********************** .macroT0_START_IT ; start timer 0, enable interrupts spp #T0D_PG ; select Timer 0 data register page and T_TCR,#ccl ; counter clear bit or T_TCR,#cen ; counter enable bit or T_IDMR,#gtien ; global interrupt mask .endm .macroT0_START_DMA_CAP ; start timer 0, enable interrupts ; and DMA spp #T0D_PG ; select Timer 0 data register page or T_IDMR,#( gtien | cp0d ); global interrupt mask or T_TCR,#cen ; counter enable bit .endm .macroSTOP_T0 ; stop Timer 0 spp #T0D_PG ; select Timer 0 data register page and T_IDMR,#gtien ; global interrupt mask and T_TCR,#cen ; counter enable bit .endm ;************************************************************ proc GEST_T0_ITCAPT{ ;Configuration of Timer 0 for IT CAPTURE ;TCR: - stop count ; - clear on capture ; - up count ;TMR: - disable output ; - internal clock ; - disable bivalue mode ; - disable retrigger mode ; - disable REG1 mode ; - continuous mode ; - enable REG0 mode ;ICR: - EXTA Trigger ; - falling edge on EXTA |