| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2846 bảng dữ liệu(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2846 bảng dữ liệu(HTML) 34 Page - STMicroelectronics |
|
34 / 35 page ![]() Conclusion AN2846 34/35 Doc ID 15130 Rev 1 7 Conclusion This application note illustrates how designers can maximize SCLT3-8 performances in their applications especially in the fields of bus controller interface configurations, thermal behavior and EMI robustness. They will find information that helps them to design new system boards while saving time. Designed for digital I/O module in factory automation, the SCLT3-8 is a low-loss EMI-proof solution showing high usage flexibility. With the SCLT3-8, designers will be able to develop highly integrated modules interfacing proximity sensors with the following benefits: ● Reduced pin count ● Saved space (only 3 isolation devices for SPI) ● Reduced dissipation ● No need for additional LED supply ● Common SPI availability ● EMI proof To illustrate its performances and advantages, an evaluation board STEVAL-IFP000V1 using 2 SCLT3-8s configured in daisy chain is available with an optimized layout. 8 Revision history Table 5. Document revision history Date Revision Changes 22-Feb-2010 1 Initial release. |