| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2846 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2846 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 35 page ![]() SCLT3-8 link configurations AN2846 28/35 Doc ID 15130 Rev 1 5 SCLT3-8 link configurations Parallel and daisy chain configurations can be implemented using SCLT3-8 or other devices compatible with a serial peripheral interface. In parallel mode the microcontroller selects the SCLT-8 with which it wants to communicate by setting the corresponding /CS to low state as long as the communication lasts. The microcontroller should be able to control as many /CS pins as SCLT-8s it wants to address. While in daisy chain configuration the microcontroller commands at the same time all the SCLT3-8s connected in series. The data must transit from SCLT3-8 to SCLT3-8 going out from the MISO pin, going in through MOSI pin till reaching the last one connected to the microcontroller. Considering n SCLT3-8s connected in daisy chain, the microcontroller has to read n times 16 bits and the communication time is proportional to n times 16 bits. Figure 36. Daisy-chain configuration Figure 37. Parallel configuration SCK MISO /CS MOSI SCLT 1 SCK MISO /CS MOSI SCLT 2 SCK MISO /CS MOSI MASTER SPI SCLT 1 SCK MISO /CS1 MOSI MASTER SPI SCK MISO /CS1 MOSI SCLT 2 SCK MISO /CS2 MOSI /CS2 |