| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2386 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2386 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 30 page ![]() MOS structure AN2386 12/30 Equation 34 At the beginning, the thermal coefficient of Φms will be studied. Deriving (Equation 32), it is possible achieve: Equation 35 and, thus: Equation 36 Considering (Equation 16) and deriving it versus T is possible obtain: Equation 37 and also: Equation 38 Replacing (Equation 38) in (Equation 36) it is possible obtain: Equation 39 Now, the thermal coefficient of the Fermi voltage is studied. In fact, deriving (Equation 6) it is possible achieve: Equation 40 Replacing (Equation 38) in (Equation 40), the following equation can be achieved: Equation 41 Replacing (Equation 41) and (Equation 39) in (Equation 34), TVTC can be rewritten as: Equation 42 ∂V TH ∂T ------------- ∂Φ ms ∂T ------------- t OX ε sqNa ε OX Φ F --------------------- • ∂Φ F ∂T --------- • 2 ∂Φ F ∂T --------- • ++ = ∂Φ ms ∂T ------------- k q --- N g N a • ni 2 -------------------- 2kT qni ---------- ∂ni ∂T -------- • + ln – = ∂Φ ms ∂T ------------- Φ ms T ---------- 2kT qni ---------- ∂ni ∂T -------- • + = ∂n i ∂T ------- 3 2 --- 3.88 10 16 • • T 1 2 --- e E g0 2KT ----------- 3.88 10 16 • T 3 2 --- e E g0 2KT ----------- E g0 2KT 2 -------------- • + = ∂n i ∂T ------- n i 2T ------- 3 E g0 KT --------- + • = ∂Φ ms ∂T ------------- Φ ms T ---------- 3 K q ---- E g0 qT --------- ++ = ∂Φ F ∂T --------- K q ---- N a n i ------- KT qn i -------- ∂n i ∂T ------- • – ln = ∂Φ F ∂T --------- Φ F T ------ 3 2 --- K q ---- • – E go 2qT ----------- – = ∂V TH ∂T ------------- Φ ms T ---------- 2 Φ F T ------ • t OX ε sqNa ε OX Φ F --------------------- • ∂Φ F ∂T --------- • ++ = |