| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4158 bảng dữ liệu(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4158 bảng dữ liệu(HTML) 27 Page - STMicroelectronics |
|
27 / 34 page ![]() DocID023635 Rev 2 27/34 AN4158 STMicroelectronics enhanced current control 34 Equation 10 Figure 23. Off-time automatic adjustment Considering that the on-time and the predictive time at the steady-state of two subsequent current levels is almost the same (see Figure 23), the resulting switching time tswitch is almost equal to the target tSW value. toff tsw 2tpred n1 – – = New steady-state t on(B) = t PRED(B) tPRED(A) t I I on(B) t pred(B) t on(A) t pred(A) t on(A) t pred(A) t pred(A) t switch(B) t t t Reference current Current reference changed t = t SW - 2 x tPRED(A) t switch(B) is almost equal to target switching time tSW Steady-state t on(A) = t PRED(A) AM15125v1 |