| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4158 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4158 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 34 page ![]() Phase current control in stepper motor driving AN4158 12/34 DocID023635 Rev 2 2 Phase current control in stepper motor driving In order to impose a constant current in the stepper motor phases, a current control algorithm must be implemented. The most common control system is shown in Figure 6 and is composed of: A power H-bridge used to drive the phase A current sensor (usually a shunt resistor) A controller driving the power bridge The motor phase electrical model. This system is applied to both phases. The motor phase electrical model is shown in Figure 7 and is made up of: The equivalent phase resistance RPh The equivalent phase inductance LPh The back electromotive force generator VBEMF. Figure 6. Current control system for each motor phase V BUS R SHUNT R Ph V BEMF L Ph Controller Motor phase equivalent circuit AM15108v1 |