| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4158 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4158 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 34 page ![]() Peak current control with PWM and constant off-time AN4158 14/34 DocID023635 Rev 2 3 Peak current control with PWM and constant off-time The peak current control with PWM and constant off-time is one of the most common algorithms implemented by stepper motor controllers. The phase current is measured through a shunt resistor and the resulting voltage (see Equation 4 A) is sent to a comparator input. The other input is a reference voltage setting the peak current forced into the motor phase (Equation 4 B). Equation 4 At the beginning of driving, the motor phase currents are zero and the controller turns on one of the diagonals of the power bridge according to the expected current direction. The phase current is increased until the target reference voltage is reached, then the controller switches off the forcing side of the bridge making the phase current recirculate in the bottom side of the power stage. The same effect may be obtained recirculating the current on the top side; in this case the forcing side of the bridge is kept on and the opposite side is turned on. Figure 8. Constant off-time control sequence (low-side recirculation) A VSense IPh RSHUNT = B VRef IPeak RSHUNT = V Ref I Peak V BUS V Sense I Ph R SHUNT R SHUNT V BUS V Sense I Ph R SHUNT V BUS VSense I Ph t OFF AM15110v1 |