| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3981 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3981 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 54 page ![]() STP24DP05 AN3981 32/54 Doc ID 022217 Rev 1 Figure 37. Error detection results interpretation The correct interpretation of the detection results can be affected by any setup/hold time problem. The same considerations regarding and LE timing, done in Section 2.6.1, apply also to 24-bit LED array drivers. Incorrect results of the error detection can be due also to an inappropriate choice of the LED supply voltage. The rules to suitably define the LED supply voltage are discussed in Section 5.1. 4.7 Flag pins The EF and TF pins are two open drain outputs dedicated to reporting the STP24DP05, respectively an output faulty condition (detected with the error detection process) or an overtemperature event. Typically these outputs are externally pulled up, as shown in Figure 38. In case an error or an overtemperature is detected, the internal switch connected to the respective output flag (EF or TF) is turned on. Figure 38. Error flag and overtemperature flag pin connection OE |