| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3981 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3981 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 54 page ![]() STP24DP05 AN3981 28/54 Doc ID 022217 Rev 1 Figure 30. STP24DP05 output current vs. REXT 4.6 Error detection The meaning of “error detection” is the detection of the faulty conditions that could occur on each channel due to: ● the LED, which can be damaged and behaves abnormally as a short or open circuit ● any undesired event that can prevent the LED from working correctly (interruption of the PCB - printed circuit board - trace connecting the LED to VLED or to the current generator, short-circuit from current generator to ground or VLED). All these possible events are summarized in Figure 41. Figure 31. Fault conditions detected by error detection mode: a) shorted LED; b) open LED; c) short-circuit from current generator to VLED; d) open channel; e) short-circuit from current generator to GND The diagnostic circuitry embedded in the STP24DP05 can detect these faulty conditions (in accordance with the detection thresholds of Table 4) and provide the result of the detection |