| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3112 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3112 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 36 page ![]() AN3112 Designing a fixed-off-time PFC Doc ID 16820 Rev 3 11/36 4.2 Operating condition The first step is to define the main parameters of the circuit, using the specification points given in Section 4.1 on page 9: Rated DC output current: Equation 8 Maximum input power: Equation 9 Referring to the main currents shown in Figure 1, the following formula expresses the maximum value of current circulating in the boost cell which means at minimum line voltage of the selected range: RMS input current: Equation 10 It is important to define the following ratios in order to continue describing the energetic relationships in the PFC: Equation 11 Equation 12 From Equation 11 and Equation 12: Line peak current: Equation 13 Inductor Ripple- ∆ILpk: out out out V P I = A 00 . 1 V 400 W 400 I out = = η = out in P P W 44 . 444 100 90 W 400 Pin = ⋅ = PF VAC P I min out in ⋅ = A 99 . 4 99 . 0 Vac 90 W 400 I in = ⋅ = out min min V VAC 2 k = 32 . 0 V 400 Vac 90 2 kmin = = out max max V VAC 2 k = 94 . 0 V 400 Vac 265 2 k max = = out min in max PK V k P 2 I ⋅ ⋅ = A 98 . 6 V 400 32 . 0 W 44 . 444 2 I max PK = ⋅ ⋅ = |