| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0934 bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0934 bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 113 page ![]() UM0934 Host interface Doc ID 17389 Rev 2 39/113 Status message The status message is composed of 4 bytes, filled according to the operating mode selected. The first byte (byte index 0) is always the character “?” (ASCII code 3Fh). Other bytes are set as in Table 11: Table 11. Status message composition Byte index MSBit 6 5 4 3 2 1 LSBit 0 ? (ASCII code 3Fh) Not set (PHY and MAC mode) 1 OVERCURRENT THERMAL STOP MODE 0 0 LAYER 0 2 0 0 0 RESET FW_RELEASE = 1 0 ZC_FAIL 30 0 0 0 0 0 0 0 Client (PHY mode) 1 OVERCURRENT THERMAL STOP MODE 0 SYNC LAYER BUSY 2 0 0 0 RESET FW_RELEASE = 1 ALARM ZC_FAIL 30 0 0 0 0 0 0 0 Client (MAC mode) 1 OVERCURRENT THERMAL STOP MODE 0 SYNC LAYER BUSY 2 TS_COUNTER[2..0] RESET FW_RELEASE = 1 ALARM ZC_FAIL 3 INVALID_FRAME[7..0] Server (PHY mode) 1 OVERCURRENT THERMAL STOP MODE 0 SYNC LAYER BUSY 2 0 0 0 RESET FW_RELEASE = 1 ALARM ZC_FAIL 3 DELTA_PHASE[2..0] 0 0 0 0 0 Server (MAC mode) 1 OVERCURRENT THERMAL STOP MODE NEW SYNC LAYER BUSY 2 TS_COUNTER[2..0] RESET FW_RELEASE = 1 ALARM ZC_FAIL 3 DELTA_PHASE[2..0] MIN_CREDIT[3..0] REPEATER Monitor (only PHY mode) 1 OVERCURRENT THERMAL STOP MODE 0 SYNC LAYER BUSY 2 0 0 0 RESET FW_RELEASE = 1 ALARM ZC_FAIL 3 DELTA_PHASE[2..0] 0 0 0 0 0 |