công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4068 bảng dữ liệu(PDF) 50 Page - STMicroelectronics

tên linh kiện AN4068
Giải thích chi tiết về linh kiện  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 bảng dữ liệu(HTML) 50 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 46Page - STMicroelectronics AN4068 Datasheet HTML 47Page - STMicroelectronics AN4068 Datasheet HTML 48Page - STMicroelectronics AN4068 Datasheet HTML 49Page - STMicroelectronics AN4068 Datasheet HTML 50Page - STMicroelectronics AN4068 Datasheet HTML 51Page - STMicroelectronics AN4068 Datasheet HTML 52Page - STMicroelectronics AN4068 Datasheet HTML 53Page - STMicroelectronics AN4068 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
Application ideas
AN4068
50/63
Doc ID 022923 Rev 2
Figure 41.
Scheme of principle for switched 3-phase architecture
For the zero crossing coupling, even if only one phase at a time can be used as reference,
the possibility to switch to another phase is required in case of a fault on the reference line.
This can be achieved through one of the suggested circuits in Figure 42 and 43.
The external host must control the LCA715 opto-relays according to the phase status
information provided by the measurement circuitry. The host controller is also responsible
for ensuring that only one opto-relay is turned on, therefore guaranteeing isolation between
the three phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63