| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4068 bảng dữ liệu(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4068 bảng dữ liệu(HTML) 33 Page - STMicroelectronics |
|
33 / 63 page ![]() AN4068 ST7580 reference design description Doc ID 022923 Rev 2 33/63 7.2.3 General purpose pushbuttons and LEDs The EVALST7580-1 board provides configurable input and output connections to the STM32F103 microcontroller for both externally generated events and signaling purposes. In fact, the board presents: ● 3 signaling LEDs, connected to PB5, PB6, PB7 outputs ● 2 pushbuttons connected to PB10, PB11, to manually generate events triggering programmable functions. Figure 19 is an extract of the schematics for these features. Figure 19. STM32 configurable signalling LEDs and pushbuttons |