| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4068 bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4068 bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 63 page ![]() FAQs and troubleshooting AN4068 56/63 Doc ID 022923 Rev 2 What to check: a) Check that both reference design boards have the same ST7580 GUI settings. b) Verify the SNR of the communication. If the signal is too low or the noise is too high with respect to each other, the communication performance is poor. Try to: Check the SNR estimation of the receiving ST7580 device. Measure the signal level S and the noise level N on the RX_IN line of the receiving board. |