| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3095 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3095 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 55 page ![]() AN3095 Conclusions Doc ID 16555 Rev 3 51/55 8 Conclusions This application note describes the design and performance of a power conversion architecture characterized by high efficiency, good integration levels and galvanic isolation, with the aim of demonstrating STMicroelectronics’ complete and high performing product portfolio to implement any PV conversion system. For this reason, the power converter, based on a dual-stage topology, has been investigated and experimentally evaluated for photovoltaic applications. The converter performs MPPT and grid connection by means of an ARM Cortex M3-based STM32F103xx microcontroller, which is proven to be well suited for such an application. In fact, the implemented DQ axis control scheme shows excellent regulation of both active and reactive power, as is also required for low power applications in the near future. Simulation and experimental results have confirmed the consistency of the proposed solution for PV generation systems. |