| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3095 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3095 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 55 page ![]() STM32F103xx-based current control strategy for inverter grid connection AN3095 40/55 Doc ID 16555 Rev 3 Figure 25. Stationary reference frame and rotating reference frame Where Equation 56 Then the two components on the DQ reference frame are: Equation 57 Therefore, if θ=θe the two components are reduced: Equation 58 In order to detect the grid-voltage angle, used to perform the transformation, a PLL structure may be used. In Figure 25, the block diagram of the PLL implemented in this application is shown. Figure 26. Implemented PLL structure ⎥ ⎦ ⎤ ⎢ ⎣ ⎡ θ θ = ⎥ ⎦ ⎤ ⎢ ⎣ ⎡ α β e m e m sin V cos V V V ) sin( V cos sin V sin cos V Vq ) cos( V sen sen V cos cos V Vd e m e m e m e m e m e m θ − θ = θ θ + θ θ − = θ − θ = θ θ + θ θ = 0 Vq V Vd m = = |