| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F202 bảng dữ liệu(PDF) 86 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F202 bảng dữ liệu(HTML) 86 Page - Microchip Technology |
|
86 / 88 page ![]() PIC10F200/202/204/206 DS40001239F-page 86 2004-2014 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: PIC10F200 PIC10F202 PIC10F204 PIC10F206 PIC10F200T (Tape & Reel) PIC10F202T (Tape & Reel) PIC10F204T (Tape & Reel) PIC10F206T (Tape & Reel) Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C (Industrial) E= -40 C to +125C (Extended) Package: P = 300 mil PDIP (Pb-free) OT = SOT-23, 6-LD (Pb-free) MC = DFN, 8-LD 2x3 (Pb-free) Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. [X](1) Tape and Reel Option - Examples: a) PIC10F202T - E/OT Tape and Reel Extended temperature SOT-23 package (Pb-free) b) PIC10F200 - I/P Industrial temperature, PDIP package (Pb-free) c) PIC10F204 - I/MC Industrial temperature DFN package (Pb-free) |