| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC10F202 bảng dữ liệu(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F202 bảng dữ liệu(HTML) 76 Page - Microchip Technology |
|
76 / 88 page ![]() PIC10F200/202/204/206 DS40001239F-page 76 2004-2014 Microchip Technology Inc. Package Marking Information (Continued) * Standard PIC® device marking consists of Microchip part number, year code, week code, and traceability code. For PIC device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 8-Lead DFN (2x3x0.9 mm) Example BE0 433 17 |