công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC10F202 bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện PIC10F202
Giải thích chi tiết về linh kiện  6-Pin, 8-Bit Flash Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F202 bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button PIC10F202 Datasheet HTML 31Page - Microchip Technology PIC10F202 Datasheet HTML 32Page - Microchip Technology PIC10F202 Datasheet HTML 33Page - Microchip Technology PIC10F202 Datasheet HTML 34Page - Microchip Technology PIC10F202 Datasheet HTML 35Page - Microchip Technology PIC10F202 Datasheet HTML 36Page - Microchip Technology PIC10F202 Datasheet HTML 37Page - Microchip Technology PIC10F202 Datasheet HTML 38Page - Microchip Technology PIC10F202 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
 2004-2014 Microchip Technology Inc.
DS40001239F-page 35
PIC10F200/202/204/206
9.0
SPECIAL FEATURES OF THE
CPU
What
sets
a
microcontroller
apart
from
other
processors are special circuits that deal with the needs
of real-time applications. The PIC10F200/202/204/206
microcontrollers have a host of such features intended
to maximize system reliability, minimize cost through
elimination of external components, provide power-
saving operating modes and offer code protection.
These features are:
• Reset:
- Power-on Reset (POR)
- Device Reset Timer (DRT)
- Watchdog Timer (WDT)
- Wake-up from Sleep on pin change
- Wake-up from Sleep on comparator change
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming™
•Clock Out
The
PIC10F200/202/204/206
devices
have
a
Watchdog Timer, which can be shut off only through
Configuration bit WDTE. It runs off of its own RC
oscillator for added reliability. When using INTRC,
there is an 18 ms delay only on VDD power-up. With
this timer on-chip, most applications need no external
Reset circuitry.
The Sleep mode is designed to offer a very low-current
Power-Down mode. The user can wake-up from Sleep
through a change on input pins, wake-up from
comparator change, or through a Watchdog Timer
time-out.
9.1
Configuration Bits
The PIC10F200/202/204/206 Configuration Words
consist
of
12
bits.
Configuration
bits
can
be
programmed to select various device configurations.
One bit is the Watchdog Timer enable bit, one bit is the
MCLR enable bit and one bit is for code protection (see
Register 9-1).
REGISTER 9-1:
CONFIGURATION WORD FOR PIC10F200/202/204/206(1,2)
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
—
—
—
—
MCLRE
CP
WDTE
—
—
bit 11
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 11-5
Unimplemented: Read as ‘0’
bit 4
MCLRE: GP3/MCLR Pin Function Select bit
1
= GP3/MCLR pin function is MCLR
0
= GP3/MCLR pin function is digital I/O, MCLR internally tied to VDD
bit 3
CP: Code Protection bit
1
= Code protection off
0
= Code protection on
bit 2
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 1-0
Reserved: Read as ‘0’
Note 1:
Refer to the “PIC10F200/202/204/206 Memory Programming Specifications” (DS41228) to determine how
to access the Configuration Word. The Configuration Word is not user addressable during device
operation.
2:
INTRC is the only oscillator mode offered on the PIC10F200/202/204/206.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com