| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0438 bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0438 bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 50 page ![]() UM0438 Simplified mnemonics for VLE instructions 41/50 A.10 EIS-Specific simplified mnemonics This section describes simplified mnemonics used by auxiliary processing units (APUs) defined as part of the Book E implementation standards (EIS). A.10.1 Integer Select (isel) The following mnemonics simplify the most common variants of the isel instruction that access CR0: Integer Select Less Than isellt rD,rA,rB equivalent to isel rD,rA,rB,0 Integer Select Greater Than iselgt rD,rA,rB equivalent to isel rD,rA,rB,1 Integer Select Equal iseleq rD,rA,rB equivalent to isel rD,rA,rB,2 A.11 Comprehensive list of simplified mnemonics Table 32 lists simplified mnemonics. Note that compiler designers may implement additional simplified mnemonics not listed here. Table 32. Simplified mnemonics Simplified mnemonic Mnemonic Instruction e_bdnz target(1) e_bc 2,0,target Decrement CTR, branch if CTR ≠ 0 (e_bc without LR update) e_bdnzl target 1 e_bcl 2,0,target Decrement CTR, branch if CTR ≠ 0 (e_bcl with LR update) e_bdz target 1 e_bc 3,0,target Decrement CTR, branch if CTR = 0 (e_bc without LR update) e_bdzl target 1 e_bcl 3,BI32,target Decrement CTR, branch if CTR = 0 (e_bcl with LR update) e_beq crS,target e_bc 1,BI32(2),target Branch if equal (e_bc without LR updating) se_beq target se_bc 1,BI162,target Branch if equal (se_bc) e_beql crS,target e_bcl 1,BI32 2,target Branch if equal (e_bcl with LR updating) e_bf BI32,target e_bc 0,BI32,target Branch if condition false (3) (e_bc without LR update) se_bf BI16,target se_bc 0,BI16,target Branch if condition false3 (se_bc) e_bfl BI32,target e_bcl 0,BI32,target Branch if condition false 3 (e_bcl with LR update) e_bge crS,target e_bc 0,BI32(4),target Branch if greater than or equal (e_bc without LR updating) se_bge target se_bc 0,BI164,target Branch if greater than or equal (se_bc) e_bgel crS,target e_bcl 0,BI324,target Branch if greater than or equal (e_bcl with LR updating) |