| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0438 bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0438 bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 50 page ![]() Simplified mnemonics for VLE instructions UM0438 32/50 1. Decrement CTR and branch if it is still nonzero (closure of a loop controlled by a count loaded into CTR) (note that no CR bits are tested). e_bdnz target equivalent to e_bc 2,0,target Because this instruction does not test a CR bit, the simplified mnemonic should specify only a target operand. Specifying a CR (for example, e_bdnz 0,target or e_bdnz cr0,target) may be considered a programming error. Subsequent examples test conditions). 2. Branch if condition in CR0 is equal. e_bt eq,target equivalent to e_bc 1,2,target Other equivalents include e_bt 2,target or the unlikely e_bt 4 * cr0 + eq,target 3. Same as (2), but equal condition is in CR3. e_bt 4 * cr3 + eq,target equivalent to e_bc 1,14,target e_bt 14,target would also work 4. Branch if bit 47 of CR is false. bf 15,target equivalent to e_bc 0,15,target bf 4 * cr3 + so,target would also work 5. Same as (4), but set the link register. This is a form of conditional call. bfl 15,target equivalent to bcl 4,15,target Table 20 lists simplified mnemonics and syntax for e_bc and se_bc without LR updating. Table 21 provides simplified mnemonics and syntax for e_bcl. Table 20. Simplified mnemonics for e_bc and se_bc without LR update Branch semantics e_bc Simplified mnemonic se_bc Simplified mnemonic Branch if condition true e_bc 1,BI32,target e_bt BI32,target (1) se_bc 1,BI16,target se_bt BI16,target Branch if condition false e_bc 0,BI32,target e_bf BI32,target1 se_bc 0,BI16,target se_bf BI16,target Decrement CTR, branch if CTR ≠ 0 e_bc 2,0,target e_bdnz target(2) —— Decrement CTR, branch if CTR = 0 e_bc 3,0,target e_bdz target2 —— 1. Instructions for which B032 is either 1 (branch if condition true) or 0 (branch if condition false) do not depend on the CTR value and can be alternately coded by incorporating the condition specified by the BI32 field, as described in Section A.5.2: Simplified mnemonics that incorporate CR conditions (eliminates BO32 and BO16 and replaces BI32 with crS) 2. Simplified mnemonics for branch instructions that do not test CR bits should specify only a target. Otherwise, a programming error may occur. Table 21. Simplified mnemonics for e_bcl with LR update Branch semantics e_bcl Simplified mnemonic Branch if condition true(1) e_bcl 1,BI32,target e_btl BI32,target Branch if condition false1 e_bcl 0,BI32,target e_bfl BI32,target |