| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4586 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4586 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Differential configuration AN4586 4/19 DocID026915 Rev 1 2 Differential configuration The differential configuration needs only one op amp and is easily set-up. Consequently, it is widely used. Figure 2 shows the differential configuration schematic. Figure 2. Differential configuration schematic If we do not consider the inaccuracies, we have Equation 1 at the output. Equation 1 Considering Rf1 = Rf2 = Rf and Rg1 = Rg2 = Rg, we get Equation 2 Equation 2 Note that the op amp must be used in dual supply if V1 > V2. An alternative option is to use a reference voltage on Rf2 rather than ground and use the op amp in single supply. Considering the op amp and resistor inaccuracies and with Rf1 = Rf2 = Rf and Rg1 = Rg2 = Rg, we get Equation 3 Equation 3 Vout V2 Rf2 Rg2 ----------- 1 Rf1 Rg1 ----------- + 1 Rf2 Rg2 ----------- + --------------------- V1 Rf1 Rg1 ----------- – = Vout V2 V1 – () Rf Rg -------- = Vout V2 V1 – () Rf Rg -------- 1 Rf Rg 2 -------- + ⎝⎠ ⎛⎞ ε Rf1 εRg1 – () Rg 2 -------- εRf2 εRg2 – () + Rf Rg + --------------------------------------------------------------------------------------------------------------- + ⎝⎠ ⎜⎟ ⎜⎟ ⎜⎟ ⎛⎞ = + V1 V2 + 2 --------------------- Rf Rg Rf + -------------------- εRf2 εRf1 – εRg2 – εRg1 + () Vio 1 Rf Rg -------- 1 εRf1 εRg1 – + () + ⎝⎠ ⎛⎞ – |