| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4586 bảng dữ liệu(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4586 bảng dữ liệu(HTML) 7 Page - STMicroelectronics |
|
7 / 19 page ![]() DocID026915 Rev 1 7/19 AN4586 2-op amp instrumentation amplifier 19 3 2-op amp instrumentation amplifier The 2-op amp instrumentation amplifier configuration is composed of one additional op-amp compared to the differential configuration. Because of this, the signal “sees” a high impedance and consequently is not impacted. Figure 4 shows the 2-op amp instrumentation amplifier schematic. Figure 4. 2-op amp instrumentation amplifier schematic If we do not consider the inaccuracies, we have Equation 6 at the output. Equation 6 Considering Rf1 = Rg2 = Rβ, Rg1 = Rf2 = Rα, and the input offset voltage of the op amp, we get Equation 7: Equation 7 So, we get Equation 8: Vout2 V2 1 Rf2 Rg2 ----------- + ⎝⎠ ⎛⎞ V1 Rf2 Rg2 ----------- 1 Rf1 Rg1 ----------- + ⎝⎠ ⎛⎞ – = Vout2 V2 V1 – () 1 R α R β ------- + ⎝⎠ ⎛⎞ Vio2 Vio1 – () 1 R α R β ------- + ⎝⎠ ⎛⎞ – = |