| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4586 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4586 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 19 page ![]() DocID026915 Rev 1 11/19 AN4586 3-op amp instrumentation amplifier 19 Equation 13 Based on the above equations, the worst case for each parameter can be calculated by considering: and • the worst case for the differential gain is: • the worst case for the common mode gain is: • the worst case for offset on the output voltage is: To know how well this configuration rejects the Vicm, we calculate the CMRR using Equation 14 and Equation 15. Equation 14 Equation 15 We can see from Equation 15 that to have the best CMRR, the maximum gain should be set at the first stage of the 3-op amp instrumentation amplifier structure without saturating op amps 1 and 2. To achieve the global required gain, the remaining gain should be set at the second stage. εdiff εR1 εR2 εR3 ε = R4 === εinstru εR5 εR6 εRg == = Ry Rx ------- 12 Rf Rg -------- + ⎝⎠ ⎛⎞ 12ε instru + () 12 Rf Rg -------- + ⎝⎠ ⎛⎞ 2ε diff + Ry Rx Ry + --------------------- 4 εdiff 2Vio Ry Rx ------- 12 Rf Rg -------- + ⎝⎠ ⎛⎞ 12ε instru + () 12 Rf Rg -------- + ⎝⎠ ⎛⎞ 2ε diff Vio 1 Ry Rx ------- 12 εdiff + () + ⎝⎠ ⎛⎞ ++ Vout V2 V1 – ()Gdiff V1 V2 + 2 --------------------- Gcm + = CMRR 20 Gdiff Gmc -------------- ⎝⎠ ⎛⎞ log 20 Ry Rx ------- 12 Rf Rg -------- + ⎝⎠ ⎛⎞ Ry Rx Ry + --------------------- 4 εdiff ------------------------------------ ⎝⎠ ⎜⎟ ⎜⎟ ⎜⎟ ⎛⎞ log == |