| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICL7109CPL bảng dữ liệu(PDF) 11 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ICL7109CPL bảng dữ liệu(HTML) 11 Page - Intersil Corporation |
|
11 / 25 page ![]() 11 Reference Voltage The analog input required to generate a full scale output of 4096 counts is VIN = 2VREF. For normalized scale, a refer- ence of 2.048V should be used for a 4.096V full scale, and 204.8mV should be used for a 0.4096V full scale. However, in many applications where the A/D is sensing the output of a transducer, there will exist a scale factor other than unity between the absolute output voltage to be measured and a desired digital output. For instance, in a weighing system, the designer might like to have a full scale reading when the voltage from the transducer is 0.682V. Instead of driving the input down to 409.6mV, the input voltage should be mea- sured directly and a reference voltage of 0.341V should be used. Suitable values for integrating resistor and capacitor are 33k Ω and 0.15µF. This avoids a divider on the input. Another advantage of this system occurs when a zero read- ing is desired for non-zero input. Temperature and weight measurements with an offset or tare are examples. The off- set may be introduced by connecting the voltage output of the transducer between common and analog high, and the offset voltage between common and analog low, observing polarities carefully. However, in processor-based systems using the ICL7109, it may be more efficient to perform this type of scaling or tare subtraction digitally using software. Reference Sources The stability of the reference voltage is a major factor in the overall absolute accuracy of the converter. The resolution of the ICL7109 at 12 bits is one part in 4096, or 244ppm. Thus if the reference has a temperature coefficient of 80ppm/oC (onboard reference) a temperature difference of 3oC will introduce a one-bit absolute error. For this reason, it is recommended that an external high- quality reference be used where the ambient temperature is not controlled or where high-accuracy absolute measure- ments are being made. The ICL7109 provides a REFerence OUTput (Pin 29) which may be used with a resistive divider to generate a suitable reference voltage. This output will sink up to about 20mA without significant variation in output voltage, and is provided with a pullup bias device which sources about 10 µA. The output voltage is nominally 2.8V below V+, and has a tem- perature coefficient of ±80ppm/oC (Typ). When using the onboard reference, REF OUT (Pin 29) should be connected to REF- (Pin 39), and REF+ should be connected to the wiper of a precision potentiometer between REF OUT and V+. The circuit for a 204.8mV reference is shown in the test circuit. For a 2.048mV reference, the fixed resistor should be removed, and a 25k Ω precision potentiometer between REF OUT and V+ should be used. Note that if Pins 29 and 39 are tied together and Pins 39 and 40 accidentally shorted (e.g., during testing), the reference supply will sink enough current to destroy the device. This can be avoided by placing a 1k Ω resistor in series with Pin 39. Detailed Description Digital Section The digital section includes the clock oscillator and scaling circuit, a 12-bit binary counter with output latches and TTL- compatible three-state output drivers, polarity, over-range and control logic, and UART handshake logic, as shown in Figure 4. Throughout this description, logic levels will be referred to as “low” or “high”. The actual logic levels are defined in the Elec- trical Specifications Table. For minimum power consumption, all inputs should swing from GND (low) to V+ (high). Inputs driven from TTL gates should have 3-5k Ω pullup resistors MODE Input The MODE input is used to control the output mode of the AZ PHASE I INT PHASE II DEINT PHASE III AZ INTERNAL CLOCK INTERNAL LATCH STATUS OUTPUT INTEGRATOR OUTPUT POLARITY DETECTED ZERO CROSSING OCCURS ZERO CROSSING DETECTED 4096 COUNTS MAX FIXED 2048 COUNTS 2048 COUNTS MINIMUM NUMBER OF COUNTS TO ZERO CROSSING PROPORTIONAL TO VIN AFTER ZERO CROSSING ANALOG SECTION WILL BE IN AUTOZERO CONFIGURATION FIGURE 3. CONVERSION TIMING (RUN/HOLD PIN HIGH) ICL7109 |