công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD6402 bảng dữ liệu(PDF) 2 Page - Analog Devices

tên linh kiện AD6402
Giải thích chi tiết về linh kiện  IF Transceiver Subsystem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD6402 bảng dữ liệu(HTML) 2 Page - Analog Devices

  AD6402_15 Datasheet HTML 1Page - Analog Devices AD6402_15 Datasheet HTML 2Page - Analog Devices AD6402_15 Datasheet HTML 3Page - Analog Devices AD6402_15 Datasheet HTML 4Page - Analog Devices AD6402_15 Datasheet HTML 5Page - Analog Devices AD6402_15 Datasheet HTML 6Page - Analog Devices AD6402_15 Datasheet HTML 7Page - Analog Devices AD6402_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. 0
AD6402–SPECIFICATIONS
AD6402ARS
Parameter
Conditions
Min
Typ
Max
Units
IF BANDPASS FILTER
Center Frequency Rejection
REFIN = 13.824 MHz, REFSEL <0.2 V
CC
20.736
MHz
F
O ± 3.0 MHz
7
dBc
F
O ± 4.7 MHz
13
dBc
F
O ± 6.0 MHz
16
dBc
Stop Band Rejection
30
dBc
RECEIVER
Sensitivity
FM Modulated 576 kHz, FM Deviation 288 kHz
–80
dBm
BT = 0.5, Demod Output SNR = 10 dB, R
S = 150 Ω
RSSI
Low
V
OUT = 0.2 V, RS = 150 Ω
–85
dBm
High
V
OUT = 1.8 V, RS = 150 Ω
–5
dBm
Slope
See Figure 4
20
mV/dB
Output Impedance
4k
DEMODULATOR
Gain
At Data Filter Output
1.2
1.55
V/MHz
Offset
Referred to SLREF
–200
+200
mV
Lock Time
From SLEEP Mode
200
µs
From RXLOCK Mode
20
µs
DATA FILTER OP AMP
Gain
2
Slew Rate
C
LOAD = 30 pF
8
V/
µs
Gain Bandwidth
C
LOAD = 30 pF
15
MHz
Output Swing Low
0.2
V
Output Swing High
V
CC–0.2
V
Output Impedance
50
IF VCO
Frequency
Note 1
131
MHz
SSB Phase Noise
@ 5 MHz Offset
–139
dBc/Hz
Output Power
Differential RLOAD = 300 Ω
–12
dBm
2nd Harmonic
–22
dB
3rd Harmonic
–24
dB
TRANSMIT FILTER OP AMP
Open Loop Gain
75
dB
Unity Gain Bandwidth
CLOAD = 30 pF
12
MHz
Output Slew Rate
CLOAD = 30 pF
5
V/
µs
Minimum Input Voltage
1V
Maximum Input Voltage
VCC–0.2
V
Minimum Output Voltage
0.2
V
Maximum Output Voltage
VCC–0.2
V
POWER CONTROL
Logical High Threshold
0.8
× V
CC
V
Logical Low Threshold
0.2
× V
CC
V
Turn-On Response Time
VCC Steady State
0.5
µs
VOLTAGE REFERENCE
SLREF
1.3
1.5
V
SUPPLY REGULATOR
Output Voltage
For Battery Voltages from 3.1 V to 4.5 V
2.75
2.95
V
Turn-On Time
1 mV Settling, CLOAD = 100 nF
200
µs
Line Regulation
200 mV Battery Step; 5 mV Settling
1
µs
Load Regulation
10
µA to 30 mA Step; 5 mV Settling
200
µs
POWER SUPPLY
All VCC at 2.85 V
Supply Current
RXLOCKP
30
mA
RXLOCK
17
mA
RXDEMOD
26
mA
TRANSMIT
6
mA
STANDBY
300
µA
SLEEP
10
µA
NOTES
1Using test tank circuit as shown.
Specifications subject to change without notice.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com