công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD6402 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD6402
Giải thích chi tiết về linh kiện  IF Transceiver Subsystem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD6402 bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD6402_15 Datasheet HTML 1Page - Analog Devices AD6402_15 Datasheet HTML 2Page - Analog Devices AD6402_15 Datasheet HTML 3Page - Analog Devices AD6402_15 Datasheet HTML 4Page - Analog Devices AD6402_15 Datasheet HTML 5Page - Analog Devices AD6402_15 Datasheet HTML 6Page - Analog Devices AD6402_15 Datasheet HTML 7Page - Analog Devices AD6402_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD6402
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
IF Transceiver Subsystem
FEATURES
On-Chip Regulator
PLL Demodulator
On-Chip VCO
No Trims
Excellent Sensitivity
28-Lead SSOP Package
APPLICATIONS
DECT/PWT/WLAN
TDMA FM/FSK Systems
GENERAL DESCRIPTION
The AD6402 is a complete transceiver subsystem for use in
high bit rate radio systems employing FM or FSK modulation.
It is optimized for use in time domain multiple access (TDMA)
systems with communications rates of approximately 1 MBPS.
The AD6402 integrates key functions, including VCOs and a
low drop-out voltage regulator. The AD6402 operates directly
from an unregulated battery supply of 3.1 V to 4.5 V and pro-
vides a regulated voltage output which can be used for VCO
supply regulation on a companion RF chip such as the AD6401.
The AD6402 transceiver consists of a mixer, integrated IF
bandpass filter, IF limiter with RSSI detection, VCO, PLL
demodulator and a low dropout voltage regulator. On receive, it
downconverts an IF signal in the 110 MHz range to a second
IF frequency, this frequency being determined by the demodu-
lator reference divide ratios. It then filters, amplifies, and de-
modulates this signal. The AD6402 provides a filtered baseband
FUNCTIONAL BLOCK DIAGRAM
PLL
DEMOD
1
IF
VCO
VOLTAGE
REGULATOR
VREF
MODE
CONTROL
DC
OFFSET
COMP
LIMITER/FILTER
2
AD6402
RSSI
CFILT
DOUT
DFILP
PLLOUT
FMMOD2
FMMOD1
IFIN
TXOUT
TXOUTB
VCO
VREG VBATT SLREF
CTL1...3
MODOUT
REFSEL
COFF
REFIN
data output. On transmit, it accepts a Gaussian Frequency Shift
Keying (GFSK) baseband signal, low-pass filters the signal if
required using the on-chip op amp and modulates the IF VCO
by varying the bias voltage on an off-chip varactor diode used in
the tank circuit.
The AD6402 has multiple power-down modes to maximize
battery life. It operates over a temperature range of –25
°C to
+85
°C and is packaged in a JEDEC standard 28-lead small-
shrink outline (SSOP) surface-mount package.
OBSOLETE


Số phần tương tự - AD6402_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD6402ARS AD-AD6402ARS Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6402ARS-REEL AD-AD6402ARS-REEL Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
More results

Mô tả tương tự - AD6402_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD6140 AD-AD6140 Datasheet
109Kb / 8P
Bandpass IF Subsystem
AD6402 AD-AD6402 Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
GSM 3 V Transceiver IF Subsystem
REV.0
AD9870 AD-AD9870 Datasheet
233Kb / 20P
IF Digitizing Subsystem
REV.0
AD9864 AD-AD9864 Datasheet
1Mb / 44P
IF Digitizing Subsystem
AD9874-EB AD-AD9874-EB Datasheet
580Kb / 40P
IF Digitizing Subsystem
REV. A
AD6140 AD-AD6140_15 Datasheet
129Kb / 8P
Bandpass IF Subsystem
REV. 0
AD9864 AD-AD9864_15 Datasheet
944Kb / 44P
IF Digitizing Subsystem
REV. 0
AD9870 AD-AD9870_15 Datasheet
226Kb / 20P
IF Digitizing Subsystem
REV. 0
AD9874 AD-AD9874_17 Datasheet
710Kb / 41P
IF Digitizing Subsystem
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com