công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD6402 bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện AD6402
Giải thích chi tiết về linh kiện  IF Transceiver Subsystem
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD6402 bảng dữ liệu(HTML) 4 Page - Analog Devices

  AD6402_15 Datasheet HTML 1Page - Analog Devices AD6402_15 Datasheet HTML 2Page - Analog Devices AD6402_15 Datasheet HTML 3Page - Analog Devices AD6402_15 Datasheet HTML 4Page - Analog Devices AD6402_15 Datasheet HTML 5Page - Analog Devices AD6402_15 Datasheet HTML 6Page - Analog Devices AD6402_15 Datasheet HTML 7Page - Analog Devices AD6402_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD6402
–4–
REV. 0
AD6402
VCO
VCOGND
TXOUT
TXOUTB
MODOUT
FMMOD2
FMMOD1
1nF
1nF
SMV
1204-36
39nH
8pF
47pF
1.2k
4.7nF
1nF
SMV
1204-37
240
150pF
VCCI
330
100pF
330
180pF
330
TXMOD
TXIF+
TXIF–
VTUNE
Figure 1.
OVERVIEW
The AD6402 forms the basis of a highly integrated RF trans-
ceiver with the benefits of increased sensitivity and wide dy-
namic range that a dual-conversion architecture provides. The
IC contains a low dropout voltage regulator to isolate the IF and
demodulator VCOs from variation in the battery voltage, such
as power-supply transients caused by the PA. The AD6402 also
provides control circuitry that allows subcircuits to be turned off
and on as necessary to minimize power consumption.
Operation During Receive
The AD6402 contains the second mixer, integrated second-IF
bandpass filter, logarithmic-limiting amplifier, and PLL de-
modulator. A SAW IF bandpass filter is usually required at the
IF input in order to provide channel selectivity.
The placement of the SAW filter in the signal path between
the AD6402 and the RF section and the partitioning of the
receiver’s RF and IF receive circuits minimizes the leakage
around the SAW filter and maximizes the RF to IF isolation.
The output of the SAW filter enters the AD6402 via the second
downconversion mixer. This mixer is a high gain, doubly-
balanced Gilbert-cell type. The mixer downconverts the signal
to the second IF, which is 1.5
× or 2.5 × the reference frequency.
This multiple is determined by the state of the REFSEL pin. An
on-chip two section bandpass filter provides additional selectiv-
ity to provide attenuation of adjacent channels. The VCO con-
trol voltage output of the PLL demodulator tunes this filter to
the second IF.
The bandpass filter’s output enters a successive-detection loga-
rithmic-limiting IF amplifier. The RSSI detectors are distrib-
uted across the entire IF strip, including the mixer, and provide
80 dB RSSI range. The IF strip’s limiting gain also exceeds 80
dB. The RSSI signal is low-pass filtered and proceeds off-chip
to the baseband subsystem. The limited output of the logarith-
mic amplifier enters a PLL demodulator, which provides de-
modulation of the received signal. The PLL uses an integrated
VCO with no external components.
Operation During Transmit
The transmit signal path consists of a low-pass filter that can be
user configured for antialiasing of a baseband transmit signal.
An IF VCO, which should be tuned to a frequency equal to the
receive IF frequency plus the desired demodulator input fre-
quency, may be open-loop modulated by the transmit signal for
FM and FSK schemes. The receive IF mixer uses high side
mixing and therefore the IF VCO should be set to a frequency
equal to the sum of the IF frequency plus the frequency of the
PLL demodulator input as defined by the reference clock
divider ratios.
The transmit IF VCO uses an external tank circuit. This signal
is upconverted to the transmit frequency in the RF mixer sec-
tion of the radio. Using a transmit IF VCO prevents two prob-
lems: feedback from the PA at the RF frequency does not cause
distortion in the modulating circuit because the frequencies are
widely separated and the IF tank circuit can be optimized for
modulation linearity.
The output of the transmit VCO passes through buffer amplifier
and leaves the AD6402 via an optional LC filter between the RF
and IF ICs. The output of the LC filter may then be fed to a
transmit upconversion mixer for conversion to the final RF
frequency.
Onboard Voltage Regulation
The AD6402 contains a low dropout voltage regulator to spe-
cifically isolate the VCOs and synthesizer from the voltage
“kick” that occurs when a power amplifier switches on and the
battery voltage abruptly drops. The AD6402 uses an integral
vertical PNP pass transistor.
The regulator in the AD6402 IF IC supplies the voltage for the
VCOs on both the RF section and AD6402. The other sections
of the AD6402 should be powered from an independently regu-
lated source at 2.85 V. Since the VCOs are isolated from this
source, possible problems due to VCO supply pushing are con-
siderably reduced.
Frequency Control
The AD6402 requires an external synthesizer to provide the
control voltages for the tank circuit of the IF VCO. Normally
this will be the IF section of a dual synthesizer controlling both
IF and RF frequency generation.
It is recommended that the VCO on the RF section implement
the channel selection on transmit and receive; the VCO on the
AD6402 may therefore operate at a fixed frequency. This ac-
complishes two goals: first, the IF VCO being modulated can be
optimized for modulation linearity and the RF VCO can be
optimized for tuning range, and second, feedback from the PA
at will not couple into the modulating circuit to cause spurious
responses.
All key sections of the AD6402 may be powered up or down as
necessary to minimize power consumption and maximize
battery life.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com