công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90PWM161 bảng dữ liệu(PDF) 55 Page - ATMEL Corporation

tên linh kiện AT90PWM161
Giải thích chi tiết về linh kiện  131 powerful instructions - most single clock cycle execution
PDF  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM161 bảng dữ liệu(HTML) 55 Page - ATMEL Corporation

Back Button AT90PWM161 Datasheet HTML 51Page - ATMEL Corporation AT90PWM161 Datasheet HTML 52Page - ATMEL Corporation AT90PWM161 Datasheet HTML 53Page - ATMEL Corporation AT90PWM161 Datasheet HTML 54Page - ATMEL Corporation AT90PWM161 Datasheet HTML 55Page - ATMEL Corporation AT90PWM161 Datasheet HTML 56Page - ATMEL Corporation AT90PWM161 Datasheet HTML 57Page - ATMEL Corporation AT90PWM161 Datasheet HTML 58Page - ATMEL Corporation AT90PWM161 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 327 page
background image
55
7734Q–AVR–02/12
AT90PWM81/161
• Bit 2 – BORF: Brown-out Reset Flag
This bit is set if a Brown-out Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 1 – EXTRF: External Reset Flag
This bit is set if an External Reset occurs. The bit is reset by a Power-on Reset, or by writing a
logic zero to the flag.
• Bit 0 – PORF: Power-on Reset Flag
This bit is set if a Power-on Reset occurs. The bit is reset only by writing a logic zero to the flag.
To make use of the Reset flags to identify a reset condition, the user should read and then reset
the MCUSR as early as possible in the program. If the register is cleared before another reset
occurs, the source of the reset can be found by examining the reset flags.
7.2.2
MCUCR - MCU Control Register
• Bit 3– RSTDIS: Reset Pin Disable
Thanks to RSTDIS in MCUCR Sfr, the reset function can be disabled, leaving this pin for func-
tional purpose.
– When the RSTDIS bit is written to zero, the reset signal is active.
– When the RSTDIS bit is written to one, the reset signal is inactive.
7.3
Internal Voltage Reference
AT90PWM81/161 features an internal bandgap reference. This bandgap reference is used for
Brown-out Detection and can be used as analog input for the analog comparators or the ADC.
The internal voltage reference for the DAC and/or the ADC and the comparators is derived from
this bandgap voltage, see “On Chip voltage Reference and Temperature sensor overview” on
page 189.
The V
REF voltage is configured thanks to the REFS1 and REFS0 bits in the ADMUX register; see
“ADMUX - ADC Multiplexer Register” on page 217.
7.3.1
Bandgap and Internal Voltage Reference Enable Signals and Start-up Time
The bandgap and the internal voltage reference characteristics is given on Table 7-4 on page
56. To save power, the reference is not always turned on. The bandgap and the internal refer-
ence is on during the following situations:
1.
When the BOD is enabled (by programming the BODLEVEL [2..0] Fuse).
2.
When the internal reference is selected (REFS1 = 1).
3.
When the bandgap reference is connected to the Analog Comparator.
4.
When the ADC is enabled.
Thus, when the BOD is not enabled, after enabling the ADC, comparator or the internal refer-
ence, the user must always allow the reference to start up before the output from the Analog
Comparator or ADC or DAC is used. To reduce power consumption in Power-down mode, the
Bit
7654
3210
–
–
–
PUD
RSTDIS
CKRC81
IVSEL
IVCE
MCUCR
Read/Write
RRRR/W
R/W
R/W
R/W
R/W
Initial Value
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com