công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT90PWM161 bảng dữ liệu(PDF) 37 Page - ATMEL Corporation

tên linh kiện AT90PWM161
Giải thích chi tiết về linh kiện  131 powerful instructions - most single clock cycle execution
PDF  327 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM161 bảng dữ liệu(HTML) 37 Page - ATMEL Corporation

Back Button AT90PWM161 Datasheet HTML 33Page - ATMEL Corporation AT90PWM161 Datasheet HTML 34Page - ATMEL Corporation AT90PWM161 Datasheet HTML 35Page - ATMEL Corporation AT90PWM161 Datasheet HTML 36Page - ATMEL Corporation AT90PWM161 Datasheet HTML 37Page - ATMEL Corporation AT90PWM161 Datasheet HTML 38Page - ATMEL Corporation AT90PWM161 Datasheet HTML 39Page - ATMEL Corporation AT90PWM161 Datasheet HTML 40Page - ATMEL Corporation AT90PWM161 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 327 page
background image
37
7734Q–AVR–02/12
AT90PWM81/161
1.
Clock stability before switching
Once the new clock source is selected, the count procedure is running. The user (code)
should wait for the setting of the CLKRDY flag in CLKSCR register before to perform a
switching.
2.
Clock available on request
AT any time, the user (code) can ask for the availability of a clock source. The user (code)
can request it writing the appropriate command in the CLKSCR register. A full status on
clock sources then can be done.
5.3.6
Clock Switching
To drive the system clock, the user can switch from the current clock source to the following
ones (one of them is the current clock source):
1.
Calibrated internal RC oscillator 8.0MHz/1.0MHz,
2.
Internal watchdog oscillator 128kHz,
3.
External clock,
4.
External Crystal/Ceramic Resonator,
5.
PLL output divided by four.
The clock switching is performed in a sequence of commands. First, the user (code) must make
sure that the new clock source is running. Then the switching command can be entered. At the
end, the user (code) can stop the previous clock source. It will be better to run this sequence
once the interrupts disabled. The user (code) has the responsibility of the clock switching
sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com