| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HDM8513AT bảng dữ liệu(PDF) 60 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
HDM8513AT bảng dữ liệu(HTML) 60 Page - Hynix Semiconductor |
|
60 / 67 page ![]() 60 Figure A2 illustrates the transient response of the carrier tracking loop with the same loop bandwidth settings at high signal-to-noise ratio. The phase step for this test corresponds to 45 degrees. The actual bandwidth of the carrier loop is greater than that of the symbol loop for the same settings because the carrier loop must cope with greater dynamics (such as frequency offset and drift). Figure A3 illustrates the transient response of the carrier phase tracking loop under the same conditions at minimum signal-to-noise ratio (Eb/N0 of 4 dB with rate 1/2 coding). The highest bandwidth case will pull in with a carrier frequency error of + or - .005 of the symbol rate at this minimum signal level. Higher loop bandwidth may be programmed to provide greater pull-in with higher signal-to-noise ratio conditions. FIGURE A2: CARRIER PHASE RECOVERY TRANSIENT RESPONSE |