công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HDM8513AT bảng dữ liệu(PDF) 44 Page - Hynix Semiconductor

tên linh kiện HDM8513AT
Giải thích chi tiết về linh kiện  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AT bảng dữ liệu(HTML) 44 Page - Hynix Semiconductor

Back Button HDM8513AT Datasheet HTML 40Page - Hynix Semiconductor HDM8513AT Datasheet HTML 41Page - Hynix Semiconductor HDM8513AT Datasheet HTML 42Page - Hynix Semiconductor HDM8513AT Datasheet HTML 43Page - Hynix Semiconductor HDM8513AT Datasheet HTML 44Page - Hynix Semiconductor HDM8513AT Datasheet HTML 45Page - Hynix Semiconductor HDM8513AT Datasheet HTML 46Page - Hynix Semiconductor HDM8513AT Datasheet HTML 47Page - Hynix Semiconductor HDM8513AT Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
0E
Narrow Band AGC initial value
The six most significant bits of this field establish the initial gain of the
AGC. High numbers correspond to low gain associated with low symbol
rates. If the narrowband AGC function is enabled, this number is used
as a starting point and the closed loop will seek the optimum setting
without processor interaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67