công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HDM8513AT bảng dữ liệu(PDF) 59 Page - Hynix Semiconductor

tên linh kiện HDM8513AT
Giải thích chi tiết về linh kiện  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AT bảng dữ liệu(HTML) 59 Page - Hynix Semiconductor

Back Button HDM8513AT Datasheet HTML 55Page - Hynix Semiconductor HDM8513AT Datasheet HTML 56Page - Hynix Semiconductor HDM8513AT Datasheet HTML 57Page - Hynix Semiconductor HDM8513AT Datasheet HTML 58Page - Hynix Semiconductor HDM8513AT Datasheet HTML 59Page - Hynix Semiconductor HDM8513AT Datasheet HTML 60Page - Hynix Semiconductor HDM8513AT Datasheet HTML 61Page - Hynix Semiconductor HDM8513AT Datasheet HTML 62Page - Hynix Semiconductor HDM8513AT Datasheet HTML 63Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
59
A1. Loop Filter Programming Application Note
To illustrate that the symbol timing recovery loop and the carrier phase recovery loop are both
programmable, several simulations were performed with different loop parameter conditions. These
simulations were performed with a symbol rate of two samples per symbol, corresponding to 30M
symbols-per-second if a 60MHz clock were utilized.
Figure A1 illustrates the transient response of the symbol phase with three different loop conditions
(K1=5, K2=10; K1=4, K2=9; and K1=8, K2=7). The vertical scale represents phase over a 360
degree range (524,287 to -524,288). All test cases were run at high signal -to-noise ratio. The
highest gain condition could be used for fast acquisition as well as for steady state with high code
rate conditions, while the intermediate gain is a suitable steady state setting for rate 1/2 codes
(minimum Eb/N0 of 4 dB). The lowest gain setting corresponds to ultra low loop bandwidth and
may be considered for maintaining lock without phase jumps during deep signal fades.
FIGURE A1: SYMBOL TIMING RECOVERY TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com