công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GDC21D301A bảng dữ liệu(PDF) 12 Page - Hynix Semiconductor

tên linh kiện GDC21D301A
Giải thích chi tiết về linh kiện  Transport Decoder
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GDC21D301A bảng dữ liệu(HTML) 12 Page - Hynix Semiconductor

Back Button GDC21D301A Datasheet HTML 8Page - Hynix Semiconductor GDC21D301A Datasheet HTML 9Page - Hynix Semiconductor GDC21D301A Datasheet HTML 10Page - Hynix Semiconductor GDC21D301A Datasheet HTML 11Page - Hynix Semiconductor GDC21D301A Datasheet HTML 12Page - Hynix Semiconductor GDC21D301A Datasheet HTML 13Page - Hynix Semiconductor GDC21D301A Datasheet HTML 14Page - Hynix Semiconductor GDC21D301A Datasheet HTML 15Page - Hynix Semiconductor GDC21D301A Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
13
GDC21D301A
5. Functional Description
5.1 Forward-Error-Correction (FEC)
Interface
The GDC21D301A can receive Transport Stream
packets in byte-parallel or bit-serial mode. FEC
Interface block gets these TS data, and temporarily
saves them in the internal buffer(TS Buffer).
In
bit-serial
mode,
F_START
should
be
activated(high) when the most significant bit or the
first bit of each packet is fed. \ERR_BLOCK pin is
used to indicate valid packet, and D_VALID pin to
indicate valid TS data (it should be deactivated at
parity bits). TS data is fed on the rising edge of
FEC_CLOCK.
5.2 Sync Detector
This
block
searches
the
sync
byte
of
TS
packet(0x47) at Sync Hysterisis register during
specified time. If it detects correct sync data, then
TS Header Decoder block takes control of
decoding process.
5.3 TS Header Decoder
This block decodes Transport Stream header and
determines if packet should be decoded further by
comparing PID with the values in internal PID
memory. PSI data is stored in external DRAM, and
can be read by the host processor. If high speed out
enable(Hig) bit in PID registers is activated, the
whole corresponding TS data are output to high-
speed ports (refer to Register Description section).
5.4 Adaptation Field Decoder
Refer to the Register Description section
5.5 PES Decoder
This block decodes PES header and de-multiplexes
payload data to appropriate parts (refer to Register
Description section).
Audio and auxiliary data are stored in DRAM,
re-read by the GDC21D301A, and sent to
external decoder. But video data is directly
output to the external decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com