| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATXMEGA8E5 bảng dữ liệu(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA8E5 bảng dữ liệu(HTML) 43 Page - ATMEL Corporation |
|
43 / 147 page ![]() 43 XMEGA E5 [DATASHEET] Atmel-8153I–AVR-ATxmega8E5-ATxmega16E5-ATxmega32E5_Datasheet–08/2014 It is possible to disable the TWI drivers in the device, and enable a four-wire digital interface for connecting to an external TWI bus driver. This can be used for applications where the device operates from a different VCC voltage than used by the TWI bus. It is also possible to enable the bridge mode. In this mode, the slave I/O pins are selected from an alternative port, enabling independent and simultaneous master and slave operation. PORTC has one TWI. Notation of this peripheral is TWIC. Alternative TWI Slave location in bridge mode is on PORTD. |